|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
agilent ada-4643 silicon bipolar darlington amplifier data sheet description agilent technologies ada-4643 is an economical, easy-to-use, general purpose silicon bipolar rfic gain block amplifiers housed in a 4-lead sc-70 (sot-343) surface mount plastic package which requires only half the board space of a sot-143 package. the darlington feedback struc- ture provides inherent broad bandwidth performance, result- ing in useful operating frequency up to 2.5 ghz. this is an ideal device for small-signal gain cascades or if amplification. ada-4643 is fabricated using agilents hp25 silicon bipolar process, which employs a double- diffused single polysilicon process with self-aligned submicron emitter geometry. the process is capable of simulta- neous high f t and high npn breakdown (25 ghz f t at 6v bvceo). the process utilizes industry standard device oxide isolation technologies and submicron aluminum multilayer interconnect to achieve superior performance, high uniformity, and proven reliability. features small signal gain amplifier operating frequency dc ?2.5 ghz unconditionally stable 50 ohms input & output flat, broadband frequency response up to 1 ghz operating current: 20 to 60 ma industry standard sot-343 package lead-free option available specifications 900 mhz, 3.5v, 35 ma (typ.) 17 db associated gain 13.4 dbm p 1db 28.3 dbm oip 3 4 db noise figure vswr < 2.2 throughput operating frequency single supply, typical i d = 35 ma applications cellular/pcs/wll base stations wireless data/wlan fiber-optic systems ism surface mount package sot-343 pin connections and package marking rfin 2tx gnd rfout & vd gnd note: top view. package marking provides orientation and identification. ?t? = device code ?? = date code character identifies month of manufacture. c block c block c bypass r c v cc = 5 v v d = 3.5 v rfc rf input rf output 2tx r c = v cc - v d i d typical biasing configuration attention: observe precautions for handling electrostatic sensitive devices. esd machine model (class a) esd human body model (class 1b) refer to agilent application note a004r: electrostatic discharge damage and control.
2 ada-4643 absolute maximum ratings [1] absolute symbol parameter units maximum i d device current ma 70 p diss total power dissipation [2] mw 270 p in max. rf input power dbm 18 t j channel temperature c 150 t stg storage temperature c -65 to 150 jc thermal resistance [3] c/w 152 notes: 1. operation of this device above any one of these parameters may cause permanent damage. 2. ground lead temperature is 25 c. derate 6.6 mw/ c for tl >109 c. 3. junction-to-case thermal resistance measured using 150 c liquid crystal measurement method. ada-4643 electrical specifications t a = 25 c, zo=50 ? , pin = -25 dbm, i d = 35 ma (unless specified otherwise) symbol parameter and test condition: frequency units min. typ. max. std. dev. i d = 35 ma, zo = 50 ? v d device voltage i d = 35 ma v 3.2 3.5 3.9 gp power gain (|s 21 | 2 100 mhz db 17.5 900 mhz [1,2] 15.5 17.0 18.5 ? gp gain flatness 100 to 900 mhz db 0.5 0.1 to 2 ghz 1.8 f 3db 3 db bandwidth ghz 3.2 vswr in input voltage standing wave ratio 0.1 to 6 ghz 2.0:1 vswr out output voltage standing wave ratio 0.1 to 6 ghz 1.6:1 nf 50 ? noise figure 100 mhz db 3.9 0.07 900 mhz [1,2] 4.0 0.1 p 1db output power at 1db gain compression 100 mhz dbm 14.7 900 mhz [1,2] 13.4 oip 3 output 3 rd order intercept point 100 mhz [3] dbm 29.0 900 mhz [1,2,3] 28.3 dv/dt device voltage temperature coefficient mv/ c -5.3 notes: 1. typical value determined from a sample size of 500 parts from 3 wafers. 2. measurement obtained using production test board described in the block diagram below. 3. i) 900 mhz oip 3 test condition: f1 = 900 mhz, f2 = 905 mhz and pin = -25 dbm per tone. ii) 100 mhz oip 3 test condition: f1 = 100 mhz, f2 = 105 mhz and pin = -25 dbm per tone. block diagram of 900 mhz production test board used for v d , gain, p 1db , oip 3 , and nf measurements. circuit losses have been de-embedded from actual measurements. input 50 ohm transmission (0.5 db loss) dut 50 ohm transmission including bias (0.5 db loss) output 3 ada-4643 typical performance curves (at 25 c, unless specified otherwise) product consistency distribution charts at 900 mhz, i d = 35 ma notes: 1. statistics distribution determined from a sample size of 500 parts taken from 3 different wafers. 2. future wafers allocated to this product may have typical values anywhere between the minimum and maximum specification limits . gain (db) figure 1. gain distribution @ 35 ma. lsl = 1 5.5, nominal = 17, usl = 18.5 15 19 16 17 18 300 250 200 150 100 50 0 v d (v) figure 2. v d distribution @ 35 ma. lsl = 3.2, nominal = 3.5, usl =3.9 34 3.2 3.4 3.6 3.8 300 250 200 150 100 50 0 frequency (ghz) figure 3. gain vs. frequency at i d = 35 ma. gain (db) 06 2 1 3 5 4 20 15 10 5 0 frequency (ghz) figure 4. p 1db vs. frequency at i d = 3 5 ma. frequency (ghz) figure 5. oip 3 vs. frequency at i d = 35 ma. frequency (ghz) figure 6. nf vs. frequency at i d = 3 5 ma. v d (v) figure 7. i d vs. v d and temperature. i d (ma) figure 8. gain vs. i d and temperature at 900 mhz. gain (db) p 1db (dbm) 06 2 1 3 5 4 20 15 10 5 0 oip 3 (dbm) 06 2 1 3 5 4 30 25 20 15 10 5 nf (db) 06 2 1 3 5 4 6 5 4 3 2 i d (ma) 05 2 1 3 4 70 60 50 40 30 20 10 0 -40 c 25 c 85 c 070 20 10 30 40 50 60 18 17 16 15 14 13 12 -40 c 25 c 85 c 4 ada-4643 typical performance curves (at 25 c, unless specified otherwise) , continued i d (ma) figure 9. p 1db vs. i d and temperature at 900 mhz. p 1db (dbm) i d (ma) figure 10. oip 3 vs. i d and temperature at 900 mhz. oip 3 (dbm) i d (ma) figure 11. nf vs. i d and temperature at 900 mhz. nf (db) i d (ma) figure 12. gain vs. i d and frequency (ghz). gain (db) i d (ma) figure 13. p 1db vs. i d and frequency (ghz). p 1db (dbm) i d (ma) figure 14. oip 3 vs. i d and frequency (ghz). oip 3 (dbm) i d (ma) figure 15. nf vs. i d and frequency (ghz). nf (db) frequency (ghz) figure 16. input return loss vs. i d and frequency (ghz). irl (db) frequency (ghz) figure 17. output return loss vs. i d and frequency (ghz). orl (db) 070 20 10 30 40 50 60 35 30 25 20 15 10 5 -40 c 25 c 85 c 070 20 10 30 40 50 60 16 5 4 3 2 1 0 -40 c 25 c 85 c 040 20 10 30 30 30 30 20 18 16 14 12 10 8 0.1 0.5 0.9 1.5 2.0 2.5 3 4 5 6 070 20 10 30 40 50 60 25 20 15 10 5 0 -5 -10 0.1 0.5 0.9 1.5 2.0 2.5 3 4 5 6 070 20 10 30 40 50 60 40 35 30 25 20 15 10 5 0.1 0.5 0.9 1.5 2.0 2.5 3 4 5 6 070 20 10 30 40 50 60 6 5.5 5 4.5 4 3.5 3 0.1 0.5 0.9 1.5 2.0 2.5 3 4 5 6 070 20 10 30 40 50 60 20 15 10 5 0 -5 -10 -40 c 25 c 85 c 0 -5 -10 -15 -20 id = 27 ma id = 35 ma id = 45 ma id = 60 ma 012 4 2 610 8 012 4 2 6 10 8 0 -5 -10 -15 -20 -25 id = 27 ma id=35 ma id = 45 ma id = 60 ma 5 ada-4643 typical scattering parameters, t a = 25 c, i d = 27 ma freq. s 11 s 21 s 12 s 22 k ghz mag. ang. db mag. ang. mag. ang. mag. ang. 0.1 0.172 1.1 17.2 7.246 175.9 0.093 -0.8 0.245 -4.1 1.1 0.5 0.202 10 17.04 7.113 160.2 0.091 -4.5 0.245 -12.6 1.1 0.9 0.277 12.3 16.67 6.814 144.7 0.088 -7.4 0.269 -20.4 1.1 1.0 0.286 9.9 16.56 6.726 141.1 0.087 -7.9 0.274 -23.1 1.1 1.5 0.349 -2.8 15.98 6.292 124.2 0.083 -9.3 0.28 -37.6 1.1 1.9 0.375 -11.3 15.54 5.984 111.4 0.080 -9.5 0.273 -48.9 1.2 2.0 0.382 -13.8 15.44 5.918 108.3 0.08 -9.5 0.271 -51.7 1.2 2.5 0.397 -24.2 14.93 5.581 93.2 0.078 -8.9 0.249 -65.8 1.2 3.0 0.402 -34.7 14.47 5.29 78.6 0.078 -7.8 0.22 -81.7 1.3 3.5 0.394 -46 14.02 5.021 64.2 0.079 -6.6 0.192 -100.9 1.3 4.0 0.378 -58.7 13.58 4.775 50 0.082 -5.4 0.176 -123.8 1.3 4.5 0.361 -73.1 13.16 4.55 35.9 0.087 -4.6 0.179 -148.6 1.3 5.0 0.340 -89.3 12.64 4.284 21.9 0.094 -4.9 0.191 -169.9 1.3 5.5 0.328 -107.1 12.15 4.05 8.3 0.102 -5.9 0.212 173.3 1.2 6.0 0.318 -124.8 11.6 3.803 -5.4 0.112 -8.3 0.233 158.2 1.2 6.5 0.299 -141.1 11.09 3.584 -18.6 0.124 -11.5 0.25 141.6 1.1 7.0 0.274 -159.7 10.56 3.371 -32 0.138 -16.5 0.27 123 1.1 7.5 0.243 177.3 9.96 3.149 -45.6 0.150 -22.8 0.3 103.6 1.1 8.0 0.222 148.7 9.29 2.914 -59.1 0.161 -30 0.337 84.8 1.1 8.5 0.226 119.9 8.41 2.632 -71.8 0.168 -36.7 0.381 70.1 1.1 9.0 0.26 95.4 7.62 2.406 -83.7 0.177 -43 0.429 58.4 1.1 9.5 0.305 75.2 6.67 2.155 -96.1 0.187 -49.9 0.481 48.4 1.1 10.0 0.356 60.1 5.82 1.954 -107.1 0.195 -57.3 0.529 39.7 1 notes: 1. s-parameters are measured on a microstrip line made on 0.025 inch thick alumina carrier. the input reference plane is at the end of the input lead. the output reference plane is at the end of the output lead. 6 ada-4643 typical scattering parameters, t a = 25 c, i d = 35 ma freq. s 11 s 21 s 12 s 22 k ghz mag. ang. db mag. ang. mag. ang. mag. ang. 0.1 0.151 1.6 17.51 7.504 175.9 0.091 -0.8 0.223 -4.1 1.1 0.5 0.185 13.1 17.35 7.367 160.1 0.09 -4.2 0.224 -11.7 1.1 0.9 0.265 14.9 16.98 7.06 144.6 0.087 -7 0.251 -19 1.1 1.0 0.272 12.4 16.86 6.97 140.9 0.086 -7.5 0.256 -21.7 1.1 1.5 0.340 -0.7 16.27 6.511 123.9 0.082 -8.8 0.264 -36.2 1.1 1.9 0.367 -9.5 15.82 6.178 111 0.080 -9.1 0.259 -47.6 1.2 2.0 0.373 -12.1 15.72 6.107 108 0.079 -9.1 0.256 -50.3 1.2 2.5 0.39 -22.7 15.19 5.745 92.8 0.078 -8.5 0.236 -64.4 1.2 3.0 0.395 -33 14.71 5.436 78.3 0.077 -7.3 0.209 -80.4 1.3 3.5 0.387 -44.3 14.23 5.149 63.9 0.079 -6 0.181 -99.9 1.3 4.0 0.370 -57.4 13.79 4.89 49.9 0.082 -4.8 0.166 -123.4 1.3 4.5 0.353 -71.6 13.36 4.657 35.9 0.087 -3.9 0.17 -148.9 1.3 5.0 0.332 -87.7 12.84 4.383 21.9 0.093 -4.2 0.185 -170.6 1.2 5.5 0.319 -106 12.34 4.141 8.3 0.102 -5.1 0.207 172.5 1.2 6.0 0.310 -123.6 11.8 3.889 -5.4 0.112 -7.5 0.23 157.5 1.2 6.5 0.293 -140.2 11.28 3.666 -18.6 0.124 -10.8 0.248 140.9 1.1 7.0 0.266 -158.8 10.75 3.449 -32 0.138 -15.8 0.27 122.3 1.1 7.5 0.238 177.8 10.15 3.219 -45.5 0.151 -22.2 0.301 103 1.1 8.0 0.217 148.5 9.48 2.979 -59 0.161 -29.3 0.34 84.3 1.1 8.5 0.222 119.5 8.62 2.697 -71.7 0.169 -36.1 0.385 69.6 1.1 9.0 0.256 95 7.81 2.458 -83.4 0.178 -42.5 0.434 57.9 1.1 9.5 0.300 74.9 6.88 2.208 -95.8 0.188 -49.5 0.486 47.9 1 10.0 0.357 59.1 6.01 1.996 -107.2 0.196 -56.9 0.534 39.2 1 notes: 1. s-parameters are measured on a microstrip line made on 0.025 inch thick alumina carrier. the input reference plane is at the end of the input lead. the output reference plane is at the end of the output lead. 7 ada-4643 typical scattering parameters, t a = 25 c, i d = 45 ma freq. s 11 s 21 s 12 s 22 k ghz mag. ang. db mag. ang. mag. ang. mag. ang. 0.1 0.137 2.4 17.72 7.691 175.9 0.09 -0.7 0.207 -4 1.1 0.5 0.174 15.3 17.56 7.547 160 0.089 -4 0.209 -10.9 1.1 0.9 0.257 17.4 17.19 7.234 144.5 0.086 -6.8 0.238 -17.6 1.1 1.0 0.267 14.7 17.08 7.144 140.8 0.085 -7.2 0.243 -20.3 1.1 1.5 0.334 0.7 16.47 6.664 123.7 0.081 -8.5 0.253 -34.8 1.1 1.9 0.36 -8.4 16.01 6.317 110.7 0.079 -8.7 0.249 -46.1 1.1 2.0 0.367 -10.9 15.91 6.241 107.7 0.079 -8.7 0.247 -48.9 1.2 2.5 0.386 -21.6 15.36 5.862 92.5 0.077 -8.1 0.227 -62.9 1.2 3.0 0.39 -32.1 14.86 5.534 78 0.077 -7 0.201 -78.9 1.2 3.5 0.382 -43.4 14.38 5.237 63.6 0.078 -5.7 0.174 -98.4 1.3 4.0 0.365 -56.4 13.93 4.971 49.7 0.081 -4.5 0.159 -122.3 1.3 4.5 0.348 -70.8 13.5 4.732 35.7 0.086 -3.6 0.164 -148.3 1.3 5.0 0.327 -86.8 12.97 4.45 21.7 0.093 -3.9 0.179 -170.4 1.2 5.5 0.314 -105.1 12.48 4.205 8.2 0.101 -4.8 0.202 172.6 1.2 6.0 0.304 -122.8 11.93 3.947 -5.5 0.112 -7.1 0.226 157.6 1.2 6.5 0.287 -139.6 11.41 3.721 -18.7 0.124 -10.4 0.245 140.9 1.1 7.0 0.26 -159.1 10.88 3.498 -32 0.138 -15.4 0.268 122.3 1.1 7.5 0.232 177.6 10.28 3.264 -45.6 0.151 -21.8 0.3 102.9 1.1 8.0 0.213 147.8 9.6 3.02 -59.1 0.161 -28.9 0.339 84.2 1.1 8.5 0.218 120.2 8.7 2.724 -71.7 0.169 -35.8 0.385 69.5 1.1 9.0 0.26 94.2 7.95 2.498 -83.7 0.179 -42.1 0.434 57.9 1.1 9.5 0.303 74 6.98 2.233 -96.2 0.189 -49.2 0.487 47.9 1 10.0 0.352 59.4 6.14 2.027 -107.1 0.196 -56.6 0.535 39.1 1 notes: 1. s-parameters are measured on a microstrip line made on 0.025 inch thick alumina carrier. the input reference plane is at the end of the input lead. the output reference plane is at the end of the output lead. 8 ada-4643 typical scattering parameters, t a = 25 c, i d = 60 ma freq. s 11 s 21 s 12 s 22 k ghz mag. ang. db mag. ang. mag. ang. mag. ang. 0.1 0.126 2.4 17.88 7.834 175.9 0.089 -0.7 0.194 -3.8 1.1 0.5 0.165 18.1 17.73 7.696 159.9 0.088 -3.8 0.196 -9.9 1.1 0.9 0.252 19.6 17.36 7.377 144.3 0.085 -6.4 0.227 -16.1 1.1 1.0 0.261 16.4 17.24 7.28 140.6 0.085 -6.9 0.233 -18.8 1.1 1.5 0.33 2 16.63 6.787 123.3 0.081 -8.2 0.244 -33.2 1.1 1.9 0.359 -7.4 16.16 6.424 110.3 0.079 -8.4 0.241 -44.4 1.1 2.0 0.365 -9.8 16.05 6.343 107.2 0.078 -8.4 0.239 -47.2 1.1 2.5 0.386 -21 15.49 5.948 91.9 0.077 -7.8 0.221 -61 1.2 3.0 0.387 -31.5 14.98 5.61 77.4 0.077 -6.7 0.195 -76.8 1.2 3.5 0.381 -43 14.49 5.301 63.1 0.078 -5.5 0.168 -96.2 1.3 4.0 0.363 -56 14.02 5.025 49 0.081 -4.3 0.153 -120.3 1.3 4.5 0.344 -70.7 13.58 4.777 35 0.086 -3.5 0.157 -146.9 1.3 5.0 0.323 -87.3 13.04 4.488 21 0.093 -3.7 0.172 -169.4 1.2 5.5 0.31 -105.8 12.54 4.235 7.5 0.101 -4.6 0.195 173.4 1.2 6.0 0.301 -123.6 11.98 3.971 -6.2 0.111 -6.9 0.22 158.2 1.2 6.5 0.281 -140.6 11.44 3.735 -19.4 0.124 -10.2 0.239 141.4 1.1 7.0 0.257 -159.9 10.9 3.507 -32.7 0.138 -15.2 0.262 122.5 1.1 7.5 0.228 176.3 10.29 3.271 -46.3 0.151 -21.5 0.294 103 1.1 8.0 0.212 145.6 9.61 3.022 -59.8 0.161 -28.6 0.333 84.3 1.1 8.5 0.218 117.8 8.72 2.728 -72.4 0.169 -35.6 0.38 69.5 1.1 9.0 0.257 92.7 7.94 2.494 -84.1 0.178 -41.8 0.429 57.9 1.1 9.5 0.302 72.9 6.98 2.234 -96.4 0.189 -48.9 0.482 47.9 1 10.0 0.359 57.7 6.11 2.02 -107.7 0.196 -56.4 0.531 39.2 1 notes: 1. s-parameters are measured on a microstrip line made on 0.025 inch thick alumina carrier. the input reference plane is at the end of the input lead. the output reference plane is at the end of the output lead. 9 package dimensions outline 43 sot-343 (sc70 4-lead) ordering information part number no. of devices container ada-4643-tr1 3000 7 reel ada-4643-tr2 10000 13 reel ADA-4643-BLK 100 antistatic bag ada-4643-tr1g 3000 7 reel ada-4643-tr2g 10000 13 reel ADA-4643-BLKg 100 antistatic bag note: for lead-free option, the part number will have the character g at the end. recommended pcb pad layout for agilent s sc70 4l/sot-343 products he d a2 a1 b b1 e 1.30 bsc c l a dimensions (mm) min. 1.15 1.85 1.80 0.80 0.80 0.00 0.25 0.55 0.10 0.10 max. 1.35 2.25 2.40 1.10 1.00 0.10 0.40 0.70 0.20 0.46 symbol e d he a a2 a1 b b1 c l notes: 1. all dimensions are in mm. 2. dimensions are inclusive of plating. 3. dimensions are exclusive of mold flash & metal burr. 4. all specifications comply to eiaj sc70. 5. die is facing up for mold and facing down for trim/form, ie: reverse trim/form. 6. package surface to be mirror finish. 1.30 0.051 0.60 0.024 0.9 0.035 dimensions in mm inches 1.15 0.045 2.00 0.079 1.00 0.039 device orientation tape dimensions for outline 4t for product information and a complete list of agilent contacts and distributors, please go to our web site. www.agilent.com/semiconductors e-mail: semiconductorsupport@agilent.com data subject to change. copyright ? 2004-2005 agilent technologies, inc. obsoletes 5989-1975en september 28, 2005 5989-3753en user feed direction cover tape carrier tape reel end view 8 mm 4 mm top view p p 0 p 2 f w c d 1 d e a 0 10 max. t 1 (carrier tape thickness) t t (cover tape thickness) 10 max. b 0 k 0 description symbol size (mm) size (inches) length width depth pitch bottom hole diameter a 0 b 0 k 0 p d 1 2.40 0.10 2.40 0.10 1.20 0.10 4.00 0.10 1.00 + 0.25 0.094 0.004 0.094 0.004 0.047 0.004 0.157 0.004 0.039 + 0.010 cavity diameter pitch position d p 0 e 1.50 0.10 4.00 0.10 1.75 0.10 0.061 + 0.002 0.157 0.004 0.069 0.004 perforation width thickness w t 1 8.00 + 0.30 - 0.10 0.254 0.02 0.315 + 0.012 0.0100 0.0008 carrier tape cavity to perforation (width direction) cavity to perforation (length direction) f p 2 3.50 0.05 2.00 0.05 0.138 0.002 0.079 0.002 distance width tape thickness c t t 5.40 0.10 0.062 0.001 0.205 + 0.004 0.0025 0.0004 cover tape |
Price & Availability of ADA-4643-BLK |